Part Number Hot Search : 
AMS3107 52301 AR409PC 54190 XC4013D 11001 ASG100 LCX08
Product Description
Full Text Search
 

To Download GL1F20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GL1F20
GL1F20
s Features
1. IrDA1.0 compatible infrared emitting diode (Transmission rate : 2.4 to 115.2kbps) 2. Built-in infrared emitting diode circuit 3. Recommended use in combination with detector (IS1U20)
Infrared Communication (IrDA1.0 Compatible) InfraredEmitting Diode
s Outline Dimensions
5.6
(Unit : mm)
R 1.4
2.2
3.6
Transparent resin
MAX. 0.6
s Applications
1. Personal computers 2. Portable information terminal equipment 3. Printers 4. Word processors IrDA : Abbreviation of the Infrared Data Association established for standardization of infrared communication specifications
3-0.45 1.27 1.27 1.0
17.9
2.5
Detector center
4.0
0.4
123
s Absolute Maximum Ratings
Parameter Forward current *1 Peak forward current Operating temperature Storage temperature *2 Soldering temperature
*1 Pulse width 78.1 s, Duty ratio=3/16 *2 For MAX. 3 seconds at the position of 2 mm from the resin edge
MIN 0.3
(Ta=25C) Rating 50 400 - 10 to + 70 - 20 to + 85 260 Unit mA mA C C C
Base
Symbol IF IFM Topr Tstg Tsol
3
Terminal configuration 1 2 3 Base Emitter Anode
2 1
s Electro-optical Characteristics
Parameter Driving voltage High level input voltage Low level input voltage Peak emission wavelength Radiant intensity Light pulse width Light rise time Light fall time Input current Half intensity wavelength Half intensity angle Symbol V CC V IH VIL p IE tW tr tf IIH Conditions IF = 20mA VCC = 5V,RL = 7.5 Vin = 4.5V twin= 1.63 s,Duty ratio : 3/16 <=15,*3 Vin = 4.5V IF = 20mA IF = 20mA MIN. 4.75 4.5 850 40 1.41 1.0 TYP. 870 1.6 0.23 0.17 40 20
(Ta=25 C) MAX. 5.25 VCC 0.4 900 350 2.71 0.6 0.6 3.0 Unit V V V nm mW/sr s s s mA nm
*3 Direction of mechanical axis of the lens portion of the element : =0
" In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device."
GL1F20
Fig. 1 Peak Forward Current vs. Ambient Temperature
500
Pulse width 78.1 s Duty ratio= 3/16
(mA)
FM
400
Peak forward current I
300
200
100
0 - 25
- 10 0
25
50
70 75
100
Ambient temperature Ta (C)
s Infrared Communication Terminal System Configuration Using GL1F20/IS1U20
OA equipment body such as portable information terminal equipment OA equipment body such as portable information terminal equipment
Amp Serial* parallel converter circuit Modulator/remoldulator circuit
Comparator Serial * parallel converter circuit Modulator/remodulator circuit
Light emitting device for infrared communication (GL1F20)
OPIC detecting device for infrared communication (IS1U20)
Comparator
Amp
OPIC detecting device for infrared communication (IS1U20)
Light emitting device for infrared communication (GL1F20)
s General Descriptions of IrDA1.0 System
(3/16) T
Transmission rate : 2.4k to 115.2kbps Modulation system : SIR Receiving distance : 1 m Transmitting wavelength : 850 to 900 nm Receiving waveform : As shown in the right drawing Output waveform : As shown in the right drawing
Receiving waveform T
0
1 T
0
1 T =8.6 to 417 s
Output waveform
q Please refer to the chapter "Precautions for Use". (Page 78 to 93)


▲Up To Search▲   

 
Price & Availability of GL1F20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X